PART |
Description |
Maker |
MAX520/MAX521 |
Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|
MAX5258 MAX5258EEE MAX5259EEE MAX5259 |
3V/ 5V Low-Power 8-Bit Octal DACs with Rail-to-Rail Output Buffers " 3V/ 5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers"
|
MAXIM[Maxim Integrated Products]
|
P521-29 P521-29DC |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 40°C to 85°C Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-QFN; Temperature Range: 40°C to 85°C
|
PhaseLink Corporation
|
LTC1451IN8 LTC1451IS8 LTC1451CN8 LTC1451CS8 LTC145 |
12-Bit Rail-to-Rail Micropower DACs in SO-8(3V-5V2位满幅度微功耗电压输出数模转换器(SO-8封装 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
EN29F002AT-90TI EN29F002AT-90TC EN29F002AT-90TCP E |
2 Megabit (256K x 8-bit) Flash Memory 2兆位256K × 8位)闪存 Octal Buffer/Line Driver with 3-STATE Outputs 2兆位56K × 8位)闪存 2 Megabit (256K x 8-bit) Flash Memory 2兆位56K × 8位)闪存 Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel 2兆位56K × 8位)闪存 Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail
|
Electronic Theatre Controls, Inc. http:// Eon Silicon Solution Inc.
|
PLQ16L8-5A PLQ16L8-5N PLQ16R4-5A PLQ16R8-5A PLQ16R |
Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD
|
NIC Components, Corp.
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|
MAX519BCSET |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs DUAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|